Part Number Hot Search : 
M3A11FBD 482T5 78L15 Y7C10 IBHC0128 TIP132 AP242101 PIC18F45
Product Description
Full Text Search
 

To Download MBRF30100CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  suzhou good-ark electronic co., ltd ?????? 1 / 6 product specification goodark type MBRF30100CT contents 1. package outline 2. marking 3. features& mechanical characteristics 4. maximum ratings and electrical characteristics 5. rating and characteristic curves 6. packing specification packaging specification 7. description of box label construction : : schottky barrier rectifier application : for general purpose manufacturer : suzhou goodark electronics co.,ltd prepared on sep. 17 th , 2008 prepared: r & d department approval qra deparment schottky barrier rectifier 30 amperes 100 volts
suzhou good-ark electronic co., ltd ?????? 2 / 6 1. package outline (to220f-ab) unit:mm lead frame material : copper plating: pure tin plating
suzhou good-ark electronic co., ltd ?????? 3 / 6 2.marking 1. part name : MBRF30100CT 2. logo mark: 3. polarity MBRF30100CT
suzhou good-ark electronic co., ltd ?????? 4 / 6 3.features& mechanical characteristics features plastic package has underwriters laboratory flammability classification 94v-0 dual rectifier construction positive center tap metal of silicon rectifier majority carrier conduction low forward voltage high efficiency guarding for over voltage protection for use in low voltage high frequency inverters free wheeling and polarity protection applications mechanical characteristics case epoxy molded weight: 1.9grams approximately finish all external surfaces corrosion resistant and terminal leads are readily solderable lead temperature for soldering purposes 260 c max.for10 sec shipped 50 units per plastic tube 4.maximum ratings and el ectrical characteristics maximum ratings and electric al characteristics(tc=25 c unless otherwise moted) parameter test conditions symbol MBRF30100CT unit maximum repetitive peak reverse voltage v rrm 100 v working peak reverse voltage v rwm 100 v maximum dc blocking voltage v dc 100 v maximum average forward rectified current at tc=105c total device per diode i f (av) 30 15 a peak forward surge current 8.3ms single half sine-wave superimposed on rated load per diode i fsm 250 a peak repetitive reverse current per leg at tp=2.0us 1khz i rrm 1.0 a voltage rate of change rated vr dv/dt 10000 v/us operating junction temperature range t j D 55 to+150 c storage temperature range t stg D 55 to+150 c isolation voltage (to220f only) from terminal to heatsink t = 1 sec vac 1500 v maximum instantaneous forward voltage per leg if=15a if=15a t c =25 t c =125 vf 0.85 0.75 v maximum reverse current per leg at working peak reverse voltage t j =25 t j =100c i r 500 7 ua ma thermal characteristics ta= 25 unless otherwise noted symbol parameter max unit r jc thermal resistance junction to case per leg 4.0 c /w r ja thermal resistance junction to ambient per leg 62.5 c /w note 1. screw mounting with 4-40 screw where washer diameteris 4.9mm(0.19 ) 2. pulse test:300us pulse width,1% duty cycle
suzhou good-ark electronic co., ltd ?????? 5 / 6 5. rating and characteristic curves
suzhou good-ark electronic co., ltd ?????? 6 / 6 6. packing specification 1 tube : 50units 2 inner box: 20 tube(1000units) 3 outer box: 10 inner box (10,000units) 7 description of box label 1 inner box label 2 inner box label 3 outer box label 4 outer box label


▲Up To Search▲   

 
Price & Availability of MBRF30100CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X